Part Number Hot Search : 
PKD01FPZ 623P6XA2 B6563 C440PM 1N5811U FA221 MB158W N1212
Product Description
Full Text Search
 

To Download PVA3354NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet no. pd10051 revi series pva33npbf microelectronic power ic hexfet ? power mosfet photovoltaic relay single-pole, normally-open 0-300v ac/dc, 150ma general description the pva33 series ac relay (pva) is a single- pole, normally open, solid-state replacement for electromechanical relays used for general purpose switching of analog signals. it utilizes international rectifers hexfet power mosfets as the output switches, driven by an integrated circuit photovoltaic generator of novel construction. the output switch is controlled by radiation from a gaalas light emitting diode (led), which is optically isolated from the photovoltaic generator. the pva33 series overcomes the limitations of both conventional electromechanical and reed relays by offering the solid state advantages of long life, fast operating speed, low pick up power, bounce-free operation, low thermal offset voltages and miniature package. these advantages allow product improvement and design innovations in many applications such as process control, multiplexing, automatic test equipment and data acquisition. the pva33 can switch analog signals from thermocouple level to 300 volts peak ac or dc polarity. signal frequencies into the rf range are easily controlled and switching rates up to 500hz are achievable. the extremely small thermally generated offset voltages allow increased measurement accuracies. these relays are packaged in 8-pin, molded dip packages and available with either thru-hole or surface- mount (gull-wing) leads, in plastic shipping tubes. applications ? process control ? data acquisition ? test equipment ? multiplexing and scanning features ? bounce-free operation ? 10 10 off-state resistance ? 1,000 v/sec dv/dt ? 0.2 v thermal offset ? 5 ma input sensitivity ? 4,000 v rms i/o isolation ? solid-state reliability ? ul recognized ? esd tolerance: 4000v human body model 500v machine model (hexfet is the registered trademark for international rectifer power mosfet s) part identifcation pva2352npbf pva3324npbf PVA3354NPBF pva2352nspbf pva3324nspbf pva3354nspbf surface-mount (gull-wing) thru-hole www.irf.com 1
series pva33npbf www.irf.com 2 input characteristics pva2352n pva3324n pva3354n units ini cnt cnt (see fgures 1 and 2) control current range (caution: current limit input led. see fgure 6) 2.0 to 25 ma(dc) electrical specifcations c unless otherwise specifed ) output characteristics pva2352n pva3324n pva3354n units oatin vta ran t 2 t 3 v (pea) ai lad cnt 4c i le 5a 5 a (c) a onstat rsistan 25c (pulsed) (fg. 4) 50 ma load, 5ma control ? min. off-state resistance @ 25c (see fgure 5) 10 8 @160vdc ? response time @25c (see fgures 7 and 8) typical output capacitance (see fgure 10) 6 pf @ 50v general characteristics (pva2352n, pva3324n and pva3354n) units iti stnt intott 4 v rs insatin rsistan intott v c 2 25c 5 rh ? (1.6mm below seating plane, 10 seconds max.) international rectifer does not recommend the use of this product in aerospace, avionics, military or life support applications. users of this international rectifer product in such applications assume all risks of such use and indemnify international rectifer against all damages resulting from such use.
series pva33npbf www.irf.com 3 rd(on) (normalized to 25 o c) ambient temperature (c) voltage drop (vdd) load current (ma) figure 4. typical on-resistance figure 3.typical on characteristics -2 50 -2 00 -1 50 -1 00 -5 0 0 50 10 0 15 0 20 0 25 0 -5 -4 -3 -2 -1 0 1 2 3 4 5 5 m a c on tr ol l d = 50 ma , i le d > 5m a i le d =2ma max. load current (ma) ambient temperature (c) max. load current (ma) ambient temperature (c) figure 2. current derating curves (pva3354n, pva2352n) figure 1. current derating curves (pva3324n) i le d =1 ma i le d > 2m a 0 20 40 60 80 100 0 20 40 60 80 100 220 200 180 160 140 120 100 80 60 40 20 0 220 200 180 160 140 120 100 80 60 40 20 0
series pva33npbf www.irf.com 4 idoff/idoff 25c figure 5. typical normalized off-state leakage figure 6. input characteristics (current controlled) figure 7.typical delay times figure 8. delay time defnitions led forward voltage drop (volts dc) input current (ma) ambient temperature (c) delay time ( s) i led (ma) 10 10 0 10 00 0 5 10 15 20 to n td ly to ff
series pva33npbf www.irf.com 5 normalized transfer ratio wiring diagram typical capacitance (pf) figure 9. typical control threshold and transfer ratio ambient temperature c figure 10. typical output capacitance 0 10 20 30 40 50 60 70 0 1 0 2 0 3 0 4 0 50 vdd drain to drain voltage
series pva33npbf www.irf.com 6 case outlines 01-2019 00 2/2008 01-2013 00 (ms-001ab)


▲Up To Search▲   

 
Price & Availability of PVA3354NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X